Part Number Hot Search : 
ADCMP6 BA15532 BTA204 AOZ8025 AO4421 SZ470 TS821Z UN5111
Product Description
Full Text Search
 

To Download SL1260003-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet ametherm, inc . 3111 n. deer run road #4 carson city, nv 89701 telephone: (800) 808-2434 (775) 884-2434 fax: (775) 884-0670 www.ametherm.com part number: sl12 2r505 ordering different lead types: for example: to order an inside kinked lead use part number sl12 2r505- a electrical specifications: mechanical specifications: csa file number: #ca118061 revision date: march 19, 2003 inside kinked leads use -a after ametherm?s part # outside kinked leads use -b after ametherm?s part # resistance @ 25c 2.5 ? 25% max steady state current up to 65 c 5.0 a max recommended energy rating (joules) 36.0 j actual failure point of instantaneous energy (joules) 75.0 j resistance @ 100% of max current 0.100 ? resistance @ 50% of max current 0.260 ? body temperature @ 100% current rating 146 c dissipation constant 12.7mw/c thermal time constant 47 seconds material type ?b? max recommended capacitance @ 120vac/240vac 2400 f/ 620 f d 12.0 0.5 mm t 5.1 0.2 mm lead diameter 0.8 0.1 mm s 7.8 2.0 mm l 38.0 9.0 mm straight leads coating run down 5.0 1.0 mm b 6.35 0.60 mm c 3.42 0.5 mm l outside kinked leads s straight leads b inside kinked leads s s d d d c t


▲Up To Search▲   

 
Price & Availability of SL1260003-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X